Part Number Hot Search : 
2988641 A2810 UM1504 NCP5183 M16C30MA SST12 LX5218 UPA1917
Product Description
Full Text Search
 

To Download R2500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high volt age silicon rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at t a=50 c fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 0.2a d.c. maximum dc reverse current t a=25 c at rated dc blocking voltage t a=100 c typical junction capacitance (note 1) 30 5.0 50 30 -65 +150 a v pf c notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. * low forward voltage drop * high current capability * high reliability * high surge current capability * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any R2500 thru r3000 3.0 vol t age range 2500 to 3000 volts current operating and storage t emperature range t j , t stg a a 200 ma v R2500 r3000 units 3000 2100 3000 2500 2500 1750 v v dimensions in inches and (millimeters) do-15 1.0(25.4) min. 1.0(25.4) min. .300(7.6) .230(5.8) .034(.9) .028(.7) dia. .140(3.6) .104(2.6) dia. 508 200m ampere
.1 1.0 10 100 rating and characteristic curves (R2500 thru r3000) fig.2 - typical reverse characteristics percentage rated peak reverse vol tage 0 20 40 60 80 100 120 140 .01 fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( m a ) tj=100 c tj=25 c fig.3-maximum non-repetitive forward surge current 50 0 100 150 200 250 300 0 20 40 60 80 100 120 140 160 180 200 ambient temperature ( c) single phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 70 60 50 40 30 20 10 0 .01 .05 .1 .5 1 5 10 50 100 p e a k f o r w a a r d s u r g e c u r r e n t , ( a ) 6 0 12 18 24 30 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method r e v e r s e l e a k a g e c u r r e n t , ( a ) 509


▲Up To Search▲   

 
Price & Availability of R2500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X